PART |
Description |
Maker |
P578 PE-51687NL PE-51686 PE-51719 PE-51718 PE-5171 |
VDE Approved Designed for switching power supply applications Transformer meets IEC950 insulation requirements THT CURRENT SENSE TRANSFORMERS & INDUCTORS THT CURRENT SENSE TRANSFORMERS INDUCTORS THT CURRENT SENSE TRANSFORMERS INDUCTORS
|
Pulse A Technitrol Company Pulse A Technitrol Comp...
|
REC-10LA |
Precision Linear Transducers, Designed for Mount in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element, Designed for High Pressure Chamber of Small Cylinders, Equipped with Glass-Sealed Electrical Outputs
|
Vishay
|
IR1150 IR1150PBF IR1150ISTRPBF |
One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Consumer market One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Industrial market.
|
International Rectifier
|
PE-53808ST PE-53809ST PE-53820ST PE-53802ST PE-538 |
1 ELEMENT, 374 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 256 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 115 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 178 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 79 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 377 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 118 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 38 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 26 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 17 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 55 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 54 uH, GENERAL PURPOSE INDUCTOR, SMD THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher? THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher?
|
Pulse Electronics, Corp. Pulse A Technitrol Comp...
|
H66T19AA H66T19BA H66T32BA H66T68AA H66T68 H66T68B |
64-Note ROM memory Dynamic speaker can be driven with external NPN transistor CMOS LSI DESIGNED FOR USE IN DOOR BELL/ TELEPHONE AND TOY CMOS LSI DESIGNED FOR USE IN DOOR BELL, TELEPHONE AND TOY
|
MICRO-ELECTRONICS[Micro Electronics] HSMC Hi-Sincerity Mocroelectronics Hi-Sincerity Microelectronics
|
8404-471 8404-470 8404-150 8404-151 8404-XXX 8404- |
Inductors Surface Mount Drum Core Power Inductors 鼓表面贴装电感磁芯功率电感器
|
Filtran Ltd. Filtran, Ltd.
|
3621C100MT1624120-1 |
Inductors; 3621C 10UH 20% ( Sigma Inductors )
|
Tyco Electronics
|
ELJFB471F ELJFA100F ELJFCR68F ELJFA151F ELJFA180F |
3. General use FC, FA, FB Fixed Inductors (Chip Inductors)
|
Panasonic Semiconductor http://
|
H5120NL H5120NLT |
1000base -t magnetics module Designed to Support Gigabit Transceivers 1000base -t magnet ics module Designed to Support Gigabit Transceivers
|
Pulse A Technitrol Company
|
MCP100T-270I_TT MCP100T-300I_TT MCP100T-315I_TT MC |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d CPU / System Supervisors Microcontroller Supervisory Circuit with Push-Pull Output
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
B78008-SXXX-K1 |
RF Inductors Miniature Ferrite Inductors
|
EPCOS
|
CM453232-390JL CM453232-R15KL CM453232-4R7JL CM252 |
Unshielded Surface Mount Inductors 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 0.15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 0.68 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 0.82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 0.12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Inductor Type:Standard; Inductance:560uH; Inductance Tolerance: 5 %; Current Rating:50A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
|